PART |
Description |
Maker |
AM29841A/BKA AM29841A/B3A AM29843PC AM29843ALC AM2 |
600V Low-Vceon Copack IGBT in a TO-220 FullPak package; Similar to IRGIB7B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS10B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRG4BC15UD-L with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRGSL6B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL15B60KD with Lead Free Packaging 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package; Similar to IRG4PSH71UD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS6B60KD with Standard Packaging 600V Warp2 150kHz Copack IGBT in a TO-247AC package; A IRGP50B60PD1 with Standard Packaging 600V UltraFast Copack Trench IGBT in a TO-247AD package with Ultra-Low VF Diode for Induction Heating and Soft Switching Apps; A IRGP4068D-EPBF with Standard Packaging 600V HyperFast 1-8 kHz Co-Pack IGBT in a D2-Pak package; A IRG4BC30FD-S with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRG4BC15UD-L with Standard Packaging 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package; A IRGS4B60KD1 with Standard Packaging 1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AD package; Similar to IRG4PH40UD2-E with Lead Free Packaging 10位D型锁存器 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package; Similar to IRG4RC10KD with Lead Free Packaging 9位D型锁存器 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; A IRGB6B60KD with Standard Packaging 9位D型锁存器
|
Duracell TT electronics Semelab, Ltd. NXP Semiconductors N.V.
|
IRGB6B60KD IRGS6B60KD IRGSL6B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRG4RC10UD IRG4RC10UDTR IRG4RC10UDTRL IRG4RC10UDTR |
600V UltraFast 8-60 kHz Copack IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4PC50UD IRG4PC50UD-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
IRG4BC10KD IRG4BC10KDPBF |
9 A, 600 V, N-CHANNEL IGBT, TO-220AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4IBC10UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4PC40KD IRG4PC40KDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.1V的电压,@和VGE \u003d 15V的,集成电路\u003d 25A条) 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4PC50K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V,Vce(on)typ.=1.84V, @Vge=15V, Ic=30A)
|
IRF[International Rectifier]
|
IRG4BC30K-S IRG4BC30KS IRG4BC30K-STRR |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
IRGS15B60K |
600V UltraFast 10-30 kHz IGBT in a D2-Pak package
|
International Rectifier
|